PART |
Description |
Maker |
0430300001 43030-0001 |
Micro-Fit 3.0 Crimp Terminal, Female, with Tin (Sn) Plated Phosphor Bronze Contact, 20-24 AWG, Reel Micro-Fit 3.0垄芒 Crimp Terminal, Female, with Tin (Sn) Plated Phosphor Bronze Contact, 20-24 AWG, Reel
|
Molex Electronics Ltd.
|
0430310011 43031-0011 |
Micro-Fit 3.0 Crimp Terminal, Male, with Gold (Au) Plated Tin/Brass Alloy Contact, 26-30 AWG, Bag
|
Molex Electronics Ltd.
|
0430300012-18 |
Micro-Fit 3.0 Crimp Terminal, Female, with Select Gold (Au) Plated Phosphor Bronze Contact, 26-30 AWG, Bag
|
Molex Electronics Ltd.
|
46235-5003 |
Micro-Fit 3.0 High Mating Cycle, Reduced Mating Force, Crimp Terminal, Female, with 0.38um
|
Molex Electronics Ltd.
|
46235-5001 |
Micro-Fit 3.0 High Mating Cycle, Reduced Mating Force, Crimp Terminal, Female, with 0.38μm (15μ) Selective Gold (Au) over Nickel (Ni), 20-24 AWG, with Lubricant
|
Molex Electronics Ltd.
|
46235-0001 46235-0002 46235-0003 46235-0004 46235- |
Micro-Fit 3.0 Low Force Terminal
|
Molex Electronics Ltd.
|
44914-0801 44914-0802 44914-0803 44914-0201 44914- |
3.00mm (.118隆卤) Pitch Micro-Fit 3.0, CPI垄芒 Micro-Fit 3.0, BMI垄芒 CPI Vertical Headers 3.00mm (.118? Pitch Micro-Fit 3.0, CPI Micro-Fit 3.0, BMI CPI Vertical Headers 3.00mm (.118? Pitch Micro-Fit 3.0, CPI?/a> Micro-Fit 3.0, BMI?/a> CPI Vertical Headers MicroFit 3.0 Header Vert CPI 12 ckt 569 12 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT MicroFit 3.0 Header Vert CPI 8ckt 121 8 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT 452802201 22 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT
|
Molex Electronics Ltd. Molex, Inc.
|
0460550005 |
Mini-Fit H2O Crimp Terminal, Female, with Tin (Sn) over Nickel (Ni), UL1015
|
Molex Electronics Ltd.
|
0039000040 39-00-0040 |
4.20mm (.165) Pitch Mini-Fit Crimp Terminal, Male, with Tin (Sn) over Copper (Cu) Plated Brass Contact 4.20mm (.165") Pitch Mini-Fit Crimp Terminal, Male, with Tin (Sn) over Copper (Cu) Plated Brass Contact MOLEX Connector
|
Molex Electronics Ltd.
|
0039000073 |
4.20mm (.165) Pitch Mini-Fit Crimp Terminal, Female, with Selective Gold (Au)
|
Molex Electronics Ltd.
|
44478-1112 0444781112 |
Mini-Fit HCS Crimp Terminal, 18-20 AWG, Bag, Copper (Cu) Alloy, Tin (Sn)
|
Molex Electronics Ltd.
|
|